PART |
Description |
Maker |
MC100EL91-D |
3.3V / 5V Triple LVPECL / PECL Input to -5V ECL Output Translator
|
ON Semiconductor
|
AND8090 AND8090D MC100H601 MC100H601FN MC10H106FN |
3.3V / 5V ECL Quad 2-Input Differential AND/NAND 5V ECL Low Impedance Driver LOW VOLTAGE DUAL 1:4, 1:5 DIFFERENTIAL FANOUT BUFFER 8 Input Priority Encoder 3.3V ECL Triple D-Type Flip-Flop with Set and Reset 3.3V / 5V ECL Quad D Flip Flop with Set, Reset, and Differential Clock 3.3V Dual Differential LVPECL to LVTTL Translator 3.3V / 5V ECL 6-Bit Differential Register with Master Reset 3.3V ECL 1:15 Differential ÷1/÷2 Clock Driver Fibre Channel Coaxial Cable Driver and Loop Resillency Circuit 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS 3.3V / 5V Programmable PLL Synthesized Clock Generator (25 to 400 MHz) 2.5 V/3.3 V SiGe 1:2 Differential Clock Driver with RSECL Outputs 2.5 V/3.3 V SiGe 1:10 Differential Clock Driver with RSECL Outputs Triple 4-3-3-Input NOR Gate 9-Bit ECL-TTL Translator AC Characteristics of ECL Devices
|
Motorola ONSEMI[ON Semiconductor]
|
MAX9422 MAX9421 MAX9420 MAX9423 MAX9422EGJ MAX9422 |
LVECL-TO-LVPECL TRANSLATOR|BIPOLAR|LLCC|32PIN|PLASTIC LVECL-TO-LVPECL TRANSLATOR|BIPOLAR|TQFP|32PIN|PLASTIC QUAD ECL TO PECL TRANSLATOR, COMPLEMENTARY OUTPUT, PQFP32 Quad Differential LVECL-to-LVPECL Translators QUAD ECL TO PECL TRANSLATOR, COMPLEMENTARY OUTPUT, PQFP32 Quad Differential LVECL-to-LVPECL Translators QUAD ECL TO PECL TRANSLATOR, COMPLEMENTARY OUTPUT, CQCC32 Quad Differential LVECL-to-LVPECL Translators 四路、差LVECL至LVPECL转换
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
100395QC 100395 100395QCX 100395CW |
ECL-to-TTL Translator 9 ECL TO TTL TRANSLATOR, TRUE OUTPUT, PQCC28 Low Power 9-Bit ECL-to-TTL Translator with Registers(低功耗、单电源、带寄存器的9位ECL电平到TTL电平转换 From old datasheet system Low Power Hex TTL-to-ECL Translator
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
100393QC 100393 100393QCX |
Low Power 9-Bit ECL-to-TTL Translator with Latches From old datasheet system ECL-to-TTL Translator 9 ECL TO TTL TRANSLATOR, TRUE OUTPUT, PQCC28
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
SY100ELT23ZGTR SY10ELT23ZC SY10ELT23ZCTR SY10ELT23 |
IC TRANSLATOR PECL TTL DFF 8SOIC DUAL PECL TO TTL TRANSLATOR, TRUE OUTPUT, PDSO8 DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
|
Micrel Semiconductor, Inc.
|
SY100EL91L |
TRIPLE LVPECL-to-ECL TRANSLATOR
|
Micrel Semiconductor
|
SY100EL90VZC SY100EL90VZCTR SY100EL90V |
5V/3.3V TRIPLE ECL/LVECL-TOPECL/ LVPECL TRANSLATOR
|
MICREL[Micrel Semiconductor]
|
MC10H109FNR2 MC10H131 MC100EP140 MC100E155FN MC100 |
Dual 4-5-Input OR/NOR Gate Dual Type D Master-Slave Flip-Flop 3.3V ECL Phase-Frequency Detector 5V ECL 6-Bit 2:1 Mux Latch 5V ECL Differential Data and Clock D Flip-Flop 3.3 V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 3.3V ECL 1:15 Differential ÷1/÷2 Clock Driver ECL/TTL Clock Driver 3.3V / 5V 2-Input Differential AND/NAND 5V ECL 2:1 Multiplexer 3.3V / 5V ECL JK Flip Flop 3.3V ECL 1:4 ÷ 1/÷ 2 Clock Fanout Buffer 3.3V / 5V Hex Differential Line Receiver / Driver 3.3V 10-bit LVTTL/LVCMOS to LVPECL Translator Dual 2-Bit Adder/Subtractor
|
ON Semiconductor
|
100391 100391PC 100391QC 100391QI 100391SC 100391S |
Low Power Single Supply Hex TTL-to-PECL Translator From old datasheet system Low Power Hex TTL-to-ECL Translator
|
FAIRCHILD[Fairchild Semiconductor]
|
100ELT23M8 100ELT23 100ELT23M 100ELT23M8X 100ELT23 |
5V Dual Differential PECL to TTL Translator (Preliminary) DUAL PECL TO TTL TRANSLATOR, TRUE OUTPUT, PDSO8
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
P6SMBJ91CA P6SMBJ.8CA P6SMBJ100A P6SMBJ100CA P6SMB |
3.3V ECL 2-Input Differential AND/NAND; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 5V ECL 1:9 Differential Clock Driver; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 3.3V ECL Divide by 4 Divider; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Rail; Qty per Container: 100 硅雪崩二极管- 600W表面贴装瞬态电压Supressors Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors 硅雪崩二极管- 600W表面贴装瞬态电压Supressors 3.3V / 5V Triple ECL Input to LVPECL/PECL Output Translator; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Tape and Reel; Qty per Container: 2500 3.3V ECL Dual Differential Data and Clock D-Type Flip-Flop with Set and Reset; Package: SOIC-20 WB; No of Pins: 20; Container: Rail; Qty per Container: 38 3.3V ECL Quad Differential Receiver; Package: SOIC-20 WB; No of Pins: 20; Container: Tape and Reel; Qty per Container: 1000 3.3V ECL 1:5 Clock Distribution Chip; Package: SOIC-20 WB; No of Pins: 20; Container: Tape and Reel; Qty per Container: 1000 Power Rectifier; Current Rating:1A; Mounting Type:Through Hole; Package/Case:DO-26 5V ECL 6-Bit 2:1 Mux-Register; Package: 28 LEAD PLCC; No of Pins: 28; Container: Rail; Qty per Container: 37 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:37; Connector Shell Size:28; Connecting Termination:Solder; Body Style:Straight; Circular Contact Gender:Socket; Gender:Female 3.3V Differential LVPECL to LVTTL Translator; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500
|
Rectron Semiconductor Littelfuse, Inc. LITTELFUSE[Littelfuse] http://
|